công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 269 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 269 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 265Page - Renesas Technology Corp H8S/2437 Datasheet HTML 266Page - Renesas Technology Corp H8S/2437 Datasheet HTML 267Page - Renesas Technology Corp H8S/2437 Datasheet HTML 268Page - Renesas Technology Corp H8S/2437 Datasheet HTML 269Page - Renesas Technology Corp H8S/2437 Datasheet HTML 270Page - Renesas Technology Corp H8S/2437 Datasheet HTML 271Page - Renesas Technology Corp H8S/2437 Datasheet HTML 272Page - Renesas Technology Corp H8S/2437 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 746 page
background image
Rev. 1.00, 09/03, page 231 of 704
9.3.4
Peripheral Clock Select Register (PCSR)
PCSR and the CKS bit in DACR select the operating speed.
Bit
Bit Name
Initial Value
R/W
Description
7
6
5
PWCKXC
PWCKXB
PWCKXA
0
0
0
R/W
R/W
R/W
PWMX Clock Select
Select a clock cycle with the CKS bit in DACR of the
PWMX being 1. See table 9.2.
4 to
2
0
R/W
Reserved
The initial value should not be changed.
1
0
PWCKB
PWCKA
0
0
R/W
R/W
PWM Clock Select
Table 9.2
Clock Selection of PWMX
PWCKXC
PWCKXB
PWCKXA
Resolution (T)
0
0
0
Operates on the system clock cycle (t
cyc) x 2
0
0
1
Operates on the system clock cycle (t
cyc) x 64
0
1
0
Operates on the system clock cycle (t
cyc) x 128
0
1
1
Operates on the system clock cycle (t
cyc) x 256
1
0
0
Operates on the system clock cycle (t
cyc) x 1024
1
0
1
Operates on the system clock cycle (t
cyc) x 4096
1
1
0
Operates on the system clock cycle (t
cyc) x 16384
1
1
1
Setting prohibited
9.4
Bus Master Interface
DACNT, DADRA, and DADRB are 16-bit registers. The data bus linking the bus master and the
on-chip peripheral modules, however, is only 8 bits wide. When the bus master accesses these
registers, it therefore uses an 8-bit temporary register (TEMP). These registers are written to and
read from as follows.
(1) Write
When the upper byte is written to, the upper-byte write data is stored in TEMP. Next, when the
lower byte is written to, the lower-byte write data and TEMP value are combined, and the
combined 16-bit value is written to the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com