công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 266 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 266 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 262Page - Renesas Technology Corp H8S/2437 Datasheet HTML 263Page - Renesas Technology Corp H8S/2437 Datasheet HTML 264Page - Renesas Technology Corp H8S/2437 Datasheet HTML 265Page - Renesas Technology Corp H8S/2437 Datasheet HTML 266Page - Renesas Technology Corp H8S/2437 Datasheet HTML 267Page - Renesas Technology Corp H8S/2437 Datasheet HTML 268Page - Renesas Technology Corp H8S/2437 Datasheet HTML 269Page - Renesas Technology Corp H8S/2437 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 746 page
background image
Rev. 1.00, 09/03, page 228 of 704
9.3.2
PWMX (D/A) Data Registers A and B (DADRA and DADRB)
DADRA corresponds to PWMX (D/A) channel A, and DADRB to PWMX (D/A) channel B.
DADR cannot be accessed in 8-bit units. DADR should always be accessed in 16-bit units. For
details, see section 9.4, Bus Master Interface.
• DADRA
Bit
Bit Name
Initial Value
R/W
Description
15
14
13
12
11
10
9
8
7
6
5
4
3
2
DA13
DA12
DA11
DA10
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
D/A Data 13 to 0
Set a digital value to be converted to an analog value.
In each base cycle, the DACNT value is continually
compared with the DADR value to determine the duty
cycle of the output waveform, and to decide whether to
output a fine-adjustment pulse equal in width to the
resolution. To enable this operation, this register must
be set within a range that depends on the CFS bit. If the
DADR value is outside this range, the PWM output is
fixed.
A channel can be operated with 12-bit accuracy by
fixing DA0 and DA1 to 0. The lower two data bits are
not compared with UC12 and UC13 in DACNT.
1
CFS
1
R/W
Carrier Frequency Select
0: Base cycle = resolution (T)
× 64
The range of DA13 to DA0: H'0100 to H'3FFF
1: Base cycle = resolution (T)
× 256
The range of DA13 to DA0: H'0040 to H'3FFF
0
1
R/W
Reserved
This bit is always read as 1 and cannot be modified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com