công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 258 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 258 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 254Page - Renesas Technology Corp H8S/2437 Datasheet HTML 255Page - Renesas Technology Corp H8S/2437 Datasheet HTML 256Page - Renesas Technology Corp H8S/2437 Datasheet HTML 257Page - Renesas Technology Corp H8S/2437 Datasheet HTML 258Page - Renesas Technology Corp H8S/2437 Datasheet HTML 259Page - Renesas Technology Corp H8S/2437 Datasheet HTML 260Page - Renesas Technology Corp H8S/2437 Datasheet HTML 261Page - Renesas Technology Corp H8S/2437 Datasheet HTML 262Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 746 page
background image
Rev. 1.00, 09/03, page 220 of 704
Table 8.2
Internal Clock Selection
PWSL
PCSR
PWCKE
PWCKS
PWCKB
PWCKA
Description
0
—
—
—
Clock input is disabled
(Initial value)
1
0
—
—
φ (system clock) is selected
1
0
0
φ/2 is selected
1
φ/4 is selected
1
0
φ/8 is selected
1
φ/16 is selected
Table 8.3
Resolution, PWM Conversion Period, and Carrier Frequency when
φφφφ = 20 MHz
Internal Clock
Frequency
Resolution
PWM Conversion
Period
Carrier Frequency
φ
50 ns
12.8
µs
1250 kHz
φ/2
100 ns
25.6
µs
625 kHz
φ/4
200 ns
51.2
µs
312.5 kHz
φ/8
400 ns
102.4
µs
156.3 kHz
φ/16
800 ns
204.8
µs
78.13 kHz
8.3.2
PWM Data Registers 7 to 0 (PWDR7 to PWDR0)
PWDR are 8-bit readable/writable registers. The PWM has eight PWM data registers. Each
PWDR specifies the duty cycle of the basic pulse to be output, and the number of additional
pulses. The value set in PWDR corresponds to the 0/1 ratio in the conversion period. The upper
four bits specify the duty cycle of the basic pulse as 0/16 to 15/16 with a resolution of 1/16. The
lower four bits specify how many additional pulses are to be added within the conversion period
comprising 16 basic pulses. Thus, a specification of 0/256 to 255/256 is possible for the 0/1 ratio
within the conversion period. For 256/256 (100%) output, port output should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com