công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 257 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 257 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 253Page - Renesas Technology Corp H8S/2437 Datasheet HTML 254Page - Renesas Technology Corp H8S/2437 Datasheet HTML 255Page - Renesas Technology Corp H8S/2437 Datasheet HTML 256Page - Renesas Technology Corp H8S/2437 Datasheet HTML 257Page - Renesas Technology Corp H8S/2437 Datasheet HTML 258Page - Renesas Technology Corp H8S/2437 Datasheet HTML 259Page - Renesas Technology Corp H8S/2437 Datasheet HTML 260Page - Renesas Technology Corp H8S/2437 Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 746 page
background image
Rev. 1.00, 09/03, page 219 of 704
8.3.1
PWM Register Select (PWSL)
PWSL selects the input clock and the PWM data register.
Bit
Bit Name
Initial Value
R/W
Description
7
6
PWCKE
PWCKS
0
0
R/W
R/W
PWM Clock Enable
PWM Clock Select
These bits, together with bits PWCKB and PWCKA in
PCSR, select the internal clock input to TCNT of the
PWM. For details, see table 8.2.
The resolution, PWM conversion period, and carrier
frequency depend on the selected internal clock, and
can be obtained from the following equations.
Resolution (minimum pulse width) = 1/internal clock
frequency
PWM conversion period = resolution
× 256
Carrier frequency = 16/PWM conversion period
With the 20-MHz system clock (
φ), the resolution, PWM
conversion period, and carrier frequency are as shown
in table 8.3.
5
—
1
R
Reserved
This bit is always read as 1 and cannot be modified.
4
—
0
R
Reserved
This bit is always read as 0 and cannot be modified.
3
—
0
R/W
Reserved
The initial value should not be changed.
2
1
0
RS2
RS1
RS0
0
0
0
R/W
R/W
R/W
Register Select
These bits select the PWM data register.
000: PWDR0 selected
001: PWDR1 selected
010: PWDR2 selected
011: PWDR3 selected
100: PWDR4 selected
101: PWDR5 selected
110: PWDR6 selected
111: PWDR7 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com