công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 239 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 239 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 235Page - Renesas Technology Corp H8S/2437 Datasheet HTML 236Page - Renesas Technology Corp H8S/2437 Datasheet HTML 237Page - Renesas Technology Corp H8S/2437 Datasheet HTML 238Page - Renesas Technology Corp H8S/2437 Datasheet HTML 239Page - Renesas Technology Corp H8S/2437 Datasheet HTML 240Page - Renesas Technology Corp H8S/2437 Datasheet HTML 241Page - Renesas Technology Corp H8S/2437 Datasheet HTML 242Page - Renesas Technology Corp H8S/2437 Datasheet HTML 243Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 746 page
background image
Rev. 1.00, 09/03, page 201 of 704
TPU channel 1 setting
(2)
(1)
(2)
(1)
(1)
(2)
MD3 to MD0
B'0000, B'01xx
B'001x
B'0010
B'0011
IOA3 to IOA0
B'0000
B'0100
B'1xxx
B'0001 to B'0011
B'0101 to B'0111
B'xx00
Other than
B'xx00
Other than B'xx00
CCLR1, CCLR0
Other than
B'01
B'01
Output function
Output compare
output
PWM
mode 1
output*
2
PWM mode
2 output
[Legend]
x: Don’t care
Notes: 1. When TIOCA1S = 1, MD3 to MD0 = B'0000 or B'01xx, and IOA3 to IOA0 = B'10xx, this
pin functions as the TIOCA1 input pin.
2. Output is disabled for TIOCB1.
• PA6/FTCI_0/HFBACKI
According to the setting of the PA6DDR bit, the pin function is switched as shown below.
When the CKS1 and CKS0 bits in TCR of the FRT_0 are all set to 1, this pin functions as the
FTCI_0 input pin. When the SIMOD1 and SIMOD0 bits (IHI signal) in TCONRI of the timer
connection_0 are cleared to B
′00, this pin functions as the HFBACKI input pin.
PA6DDR
0
1
PA6 input pin
PA6 output pin
FTCI_0 input pin
Pin function
HFBACKI input pin
• PA5/FTIB_0/VFBACKI
According to the setting of the PA5DDR bit, the pin function is switched as shown below.
When the ICIBE bit in TIER of the FRT_0 is set to 1, this pin functions as the FTIB_0 input
pin. When the SIMOD1 and SIMOD0 bits (IVI signal) in TCONRI of the timer connection_0
are cleared to B
′00, this pin functions as the VFBACKI input pin.
PA5DDR
0
1
PA5 input pin
PA5 output pin
FTIB_0 input pin
Pin function
VFBACKI input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com