công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 136 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 136 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 132Page - Renesas Technology Corp H8S/2437 Datasheet HTML 133Page - Renesas Technology Corp H8S/2437 Datasheet HTML 134Page - Renesas Technology Corp H8S/2437 Datasheet HTML 135Page - Renesas Technology Corp H8S/2437 Datasheet HTML 136Page - Renesas Technology Corp H8S/2437 Datasheet HTML 137Page - Renesas Technology Corp H8S/2437 Datasheet HTML 138Page - Renesas Technology Corp H8S/2437 Datasheet HTML 139Page - Renesas Technology Corp H8S/2437 Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 746 page
background image
Rev. 1.00, 09/03, page 98 of 704
Table 6.3
Bus Specifications for Normal Extended Bus Interface
ASTn
WMSn1
WMSn0
WCn1
WCn0
Number of
Access
States
Number of
Program
Wait States
0
2
0
0
1
3
0
0
3
0
0
1
3
1
0
3
2
1
0
1
0
*
1
1
3
3
[Legend]
n = 1 to 3
*: Don’t care.
Multiplex Extended Mode:
The bus access is used as both the address bus and the data bus, but not simultaneously.
1. Bus Width
A bus width of 8 or 16 bits can be selected with the ABWn bit in BCRAn. The bus width of
the address cycle and the data cycle are the same.
2. Number of Access States
 Address cycle state
The address cycle state is 2-state.
 Data cycle state
The number of access states for data access , 2-state or 3-state can be selected with the
ASTn bit in BCRAn. When 2-state access space is designated, wait state insertion is
disabled.
3. Wait Mode and Number of Program Wait States
 Address cycle wait
The number of program wait states to be inserted into the address cycle are selected by the
AWn bit in BCRAn. 0 or 1 address cycle program wait states can be selected. The address
cycle wait is not affected by the number of data access wait states or the wait mode.
 Data cycle wait
When 3-state access space is designated by the ASTn bit in BCRAn, the number of
program wait states to be inserted automatically are selected with WMSn1, WMSn0,
WCn1, and WCn0 in the BCRAn. From 0 to 3 data cycle wait states can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com