công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 135 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 135 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 131Page - Renesas Technology Corp H8S/2437 Datasheet HTML 132Page - Renesas Technology Corp H8S/2437 Datasheet HTML 133Page - Renesas Technology Corp H8S/2437 Datasheet HTML 134Page - Renesas Technology Corp H8S/2437 Datasheet HTML 135Page - Renesas Technology Corp H8S/2437 Datasheet HTML 136Page - Renesas Technology Corp H8S/2437 Datasheet HTML 137Page - Renesas Technology Corp H8S/2437 Datasheet HTML 138Page - Renesas Technology Corp H8S/2437 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 746 page
background image
Rev. 1.00, 09/03, page 97 of 704
6.4
Bus Control
6.4.1
Bus Specifications
The external address space bus specifications consist of three elements: bus width, number of
access states, and the number of wait modes and program wait states. The bus width and number
of access states for on-chip memory and internal I/O registers are fixed, and are not affected by the
bus controller.
Normal Extended Mode:
1. Bus Width
A bus width of 8 or 16 bits can be selected with the ABWn bit in BCRAn.
2. Number of Access States
The number of access states for data access , 2-state or 3-state can be selected with the ASTn
bit in BCRAn. When 2-state access space is designated, wait state insertion is disabled.
3. Wait Mode and Number of Program Wait States
When 3-state access space is designated by the ASTn bit in BCRAn, the number of program
wait states to be inserted automatically is selected with WMSn1, WMSn0, WCn1, and WCn0
in the BCRAn. From 0 to 3 program wait states can be selected.
The external extended wait function is effective when the low-speed device is connected to the
external address area.
For details on normal extended address range, external address area, as well as bus interface
specifications, refer to tables 6.2 and 6.3.
Table 6.2
Address Range and External Address Area (Normal Extended Mode)
Address Range
Area
H'080000 to H'FBFFFF (15 Mbytes)
Basic area (shares bus specification with area 1)
H'FC0000 to H'FCFFFF (64 kbytes)
Area 1
H'FD0000 to H'FDFFFF (64 kbytes)
Area 2
H'FE0000 to H'FEFFFF (64 kbytes)
Area 3
H'FF0000 to H'FF9FFF (40 kbytes)
Integrated with basic area when RAME = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com