công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 723 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 723 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 719Page - Renesas Technology Corp H8S/2437 Datasheet HTML 720Page - Renesas Technology Corp H8S/2437 Datasheet HTML 721Page - Renesas Technology Corp H8S/2437 Datasheet HTML 722Page - Renesas Technology Corp H8S/2437 Datasheet HTML 723Page - Renesas Technology Corp H8S/2437 Datasheet HTML 724Page - Renesas Technology Corp H8S/2437 Datasheet HTML 725Page - Renesas Technology Corp H8S/2437 Datasheet HTML 726Page - Renesas Technology Corp H8S/2437 Datasheet HTML 727Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 723 / 746 page
background image
Rev. 1.00, 09/03, page 685 of 704
24.3.4
Timing of On-Chip Peripheral Modules
Tables 24.8 to 24.10 show the on-chip peripheral module timing.
Table 24.8
Timing of On-Chip Peripheral Modules
Condition:
V
CC = 3.0 V to 3.6 V, VSS = 0 V, φ = 5 MHz to 20 MHz
Item
Symbol
Min.
Max.
Unit
Test Conditions
I/O ports Output data delay time
t
PWD
40
ns
Input data setup time
t
PRS
20
Input data hold time
t
PRH
20
Figure 24.14
FRT
Timer output delay time
t
FTOD
40
Timer input setup time
t
FTIS
20
Figure 24.15
Timer clock input setup time
t
FTCS
20
Single edge
t
FTCWH
1.5
t
cyc
Timer clock pulse
width
Both edges
t
FTCWL
2.5
Figure 24.16
TPU
Timer output delay time
t
TOCD
40
ns
Figure 24.17
Timer input setup time
t
TICS
25
Timer clock input setup time
t
TCKS
25
Figure 24.18
Single edge
t
TCKWH
1.5
t
cyc
Timer clock pulse
width
Both edges
t
TCKWL
2.5
TMR
Timer output delay time
t
TMOD
40
ns
Figure 24.19
Timer reset input setup time
t
TMRS
25
Figure 24.21
Timer clock input setup time
t
TMCS
25
Single edge
t
TMCWH
1.5
t
cyc
Timer clock pulse
width
Both edges
t
TMCWL
2.5
Figure 24.20
PWM,
PWMX
Pulse output delay time
t
PWOD
40
ns
Figure 24.22
SCI
Input clock cycle
Asynchronous t
Scyc
4
t
cyc
Synchronous
6
Input clock pulse width
t
SCKW
0.4
0.6
t
Scyc
Input clock rise time
t
SCKr
1.5
t
cyc
Input clock fall time
t
SCKf
1.5
Figure 24.23
Transmit data delay time
(synchronous)
t
TXD
40
ns
Receive data setup time
(synchronous)
t
RXS
40
Receive data hold time (synchronous) t
RXH
40
Figure 24.24
A/D
converter
Trigger input setup time
t
TRGS
30
Figure 24.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com