công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 654 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 654 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 650Page - Renesas Technology Corp H8S/2437 Datasheet HTML 651Page - Renesas Technology Corp H8S/2437 Datasheet HTML 652Page - Renesas Technology Corp H8S/2437 Datasheet HTML 653Page - Renesas Technology Corp H8S/2437 Datasheet HTML 654Page - Renesas Technology Corp H8S/2437 Datasheet HTML 655Page - Renesas Technology Corp H8S/2437 Datasheet HTML 656Page - Renesas Technology Corp H8S/2437 Datasheet HTML 657Page - Renesas Technology Corp H8S/2437 Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 746 page
background image
Rev. 1.00, 09/03, page 616 of 704
tEXH
tEXL
tEXr
tEXf
VCC × 0.5
EXTAL
Figure 21.5 External Clock Input Timing
When a specified clock signal is input to the EXTAL pin, internal clock signal output is
determined after the external clock output stabilization delay time (t
DEXT) has passed. As the clock
signal output is not determined during the t
DEXT cycle, a reset signal should be set to low to hold it
in the reset state. Table 21.4 shows the output stabilization delay time for the external clock.
Figure 21.6 shows the timing of the output stabilization delay time for the external clock.
Table 21.4
Output Stabilization Delay Time for External Clock
Condition: V
CC = 2.7 V to 3.6 V, AVCC = 2.7 V to 3.6 V, VSS = AVSS = 0 V
Item
Symbol
Min.
Max.
Unit
Remarks
Output stabilization delay time for
external clock
t
DEXT*
500
µs
Figure 21.6
Note:
*
t
DEXT includes a RES pulse width (tRESW).
tDEXT*
(Internal and external)
EXTAL
VCC
2.7 V
VIH
φ
Note: * tDEXT includes a
pulse width (tRESW).
Figure 21.6 Timing of Output Stabilization Delay Time for External Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com