công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 347 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 347 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 343Page - Renesas Technology Corp H8S/2437 Datasheet HTML 344Page - Renesas Technology Corp H8S/2437 Datasheet HTML 345Page - Renesas Technology Corp H8S/2437 Datasheet HTML 346Page - Renesas Technology Corp H8S/2437 Datasheet HTML 347Page - Renesas Technology Corp H8S/2437 Datasheet HTML 348Page - Renesas Technology Corp H8S/2437 Datasheet HTML 349Page - Renesas Technology Corp H8S/2437 Datasheet HTML 350Page - Renesas Technology Corp H8S/2437 Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 746 page
background image
Rev. 1.00, 09/03, page 309 of 704
Bit
Bit Name Initial Value
R/W
Description
4
BFA
0
R/W
Buffer Operation A
Specifies whether TGRA is to operate in the normal way,
or TGRA and TGRC are to be used together for buffer
operation. When TGRC is used as a buffer register,
TGRC input capture/output compare is not generated. In
channels 1 and 2, which have no TGRC, bit 4 is
reserved. It is always read as 0 and cannot be modified.
0: TGRA operates normally
1: TGRA and TGRC used together for buffer operation
3
2
1
0
MD3
MD2
MD1
MD0
0
0
0
0
R/W
R/W
R/W
R/W
Modes 3 to 0
Set the timer operating mode.
MD3 is a reserved bit. The write value should always be
0. See table 12.8 for details.
Table 12.8
MD3 to MD0
Bit 3
MD3*
1
Bit 2
MD2*
2
Bit 1
MD1
Bit 0
MD0
Description
0
Normal operation
0
1
Reserved
0
PWM mode 1
0
1
1
PWM mode 2
0
Phase counting mode 1
0
1
Phase counting mode 2
0
Phase counting mode 3
0
1
1
1
Phase counting mode 4
1
×
×
×
—
[Legend] x: Don't care
Notes: 1. MD3 is a reserved bit. The write value should always be 0.
2. Phase counting mode cannot be set for channel 0. In this case, 0 should always be
written to the MD2 bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com