công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 346 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 346 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 342Page - Renesas Technology Corp H8S/2437 Datasheet HTML 343Page - Renesas Technology Corp H8S/2437 Datasheet HTML 344Page - Renesas Technology Corp H8S/2437 Datasheet HTML 345Page - Renesas Technology Corp H8S/2437 Datasheet HTML 346Page - Renesas Technology Corp H8S/2437 Datasheet HTML 347Page - Renesas Technology Corp H8S/2437 Datasheet HTML 348Page - Renesas Technology Corp H8S/2437 Datasheet HTML 349Page - Renesas Technology Corp H8S/2437 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 746 page
background image
Rev. 1.00, 09/03, page 308 of 704
Table 12.7
TPSC2 to TPSC0 (Channel 2)
Channel
Bit 2
TPSC2
Bit 1
TPSC1
Bit 0
TPSC0
Description
0
Internal clock: counts on
φ/1
0
1
Internal clock: counts on
φ/4
0
Internal clock: counts on
φ/16
0
1
1
Internal clock: counts on
φ/64
0
External clock: counts on TCLKA pin input
0
1
External clock: counts on TCLKB pin input
0
External clock: counts on TCLKC pin input
2
1
1
1
Internal clock: counts on
φ/1024
Note:
This setting is ignored when channel 2 is in phase counting mode.
12.3.2
Timer Mode Register (TMDR)
TMDR sets the operating mode for each channel. The TPU has a total of three TMDR registers,
one for each channel. TMDR settings should be made only when TCNT operation is stopped.
Bit
Bit Name
Initial Value
R/W
Description
7, 6
—
All 1
—
Reserved
These bits are always read as 1 and cannot be modified.
5
BFB
0
R/W
Buffer Operation B
Specifies whether TGRB is to operate in the normal way,
or TGRB and TGRD are to be used together for buffer
operation. When TGRD is used as a buffer register,
TGRD input capture/output compare is not generated. In
channels 1 and 2, which have no TGRD, bit 5 is
reserved. It is always read as 0 and cannot be modified.
0: TGRB operates normally
1: TGRB and TGRD used together for buffer operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com