công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 337 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 337 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 333Page - Renesas Technology Corp H8S/2437 Datasheet HTML 334Page - Renesas Technology Corp H8S/2437 Datasheet HTML 335Page - Renesas Technology Corp H8S/2437 Datasheet HTML 336Page - Renesas Technology Corp H8S/2437 Datasheet HTML 337Page - Renesas Technology Corp H8S/2437 Datasheet HTML 338Page - Renesas Technology Corp H8S/2437 Datasheet HTML 339Page - Renesas Technology Corp H8S/2437 Datasheet HTML 340Page - Renesas Technology Corp H8S/2437 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 746 page
background image
TIMTPU2C_000020021200
Rev. 1.00, 09/03, page 299 of 704
Section 12 16-Bit Timer Pulse Unit (TPU)
This LSI has an on-chip 16-bit timer pulse unit (TPU) that comprises three 16-bit timer channels.
The function list of the 16-bit timer pulse unit and its block diagram are shown in table 12.1 and
figure 12.1, respectively.
12.1
Features
• Maximum 8-pulse input/output
• Selection of 8 counter input clocks for each channel
• The following operations can be set for each channel:
Waveform output at compare match
Input capture function
Counter clear operation
Synchronous operation:
Multiple timer counters (TCNT) can be written to simultaneously
Simultaneous clearing by compare match and input capture possible
Register simultaneous input/output possible by counter synchronous operation
Maximum of 7-phase PWM output possible by combination with synchronous operation
• Buffer operation settable for channel 0
• Phase counting mode settable independently for each of channels 1 and 2
• Cascaded operation
• Fast access via internal 16-bit bus
• 13 interrupt sources
• Automatic transfer of register data
• A/D conversion start trigger can be generated
• Module stop mode can be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com