công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2437 bảng dữ liệu(PDF) 333 Page - Renesas Technology Corp

tên linh kiện H8S/2437
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 bảng dữ liệu(HTML) 333 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 329Page - Renesas Technology Corp H8S/2437 Datasheet HTML 330Page - Renesas Technology Corp H8S/2437 Datasheet HTML 331Page - Renesas Technology Corp H8S/2437 Datasheet HTML 332Page - Renesas Technology Corp H8S/2437 Datasheet HTML 333Page - Renesas Technology Corp H8S/2437 Datasheet HTML 334Page - Renesas Technology Corp H8S/2437 Datasheet HTML 335Page - Renesas Technology Corp H8S/2437 Datasheet HTML 336Page - Renesas Technology Corp H8S/2437 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 746 page
background image
Rev. 1.00, 09/03, page 295 of 704
Table 11.4
Timer Output Priorities
Output Setting
Priority
Toggle output
High
1 output
0 output
No change
Low
11.9.5
Switching of Internal Clocks and TCNT Operation
TCNT may be incremented erroneously when the internal clock is switched over. Table 11.5
shows the relationship between the timing at which the internal clock is switched (by writing to
the CKS1 and CKS0 bits) and the TCNT operation.
When the TCNT clock is generated from an internal clock, the falling edge of the internal clock
pulse is detected. If clock switching causes a change from high to low level, as shown in no. 3 in
table 11.5, a TCNT clock pulse is generated on the assumption that the switchover is a falling edge,
and TCNT is incremented.
Erroneous incrementation can also happen when switching between internal and external clocks.
Table 11.5
Switching of Internal Clocks and TCNT Operation
No.
Timing of Switchover
by Means of CKS1
and CKS0 Bits
TCNT Clock Operation
1
Clock switching from low
to low level*
1
Clock before
switchover
Clock after
switchover
TCNT
clock
TCNT
CKS bit rewrite
N
N + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com