công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 154 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 154 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 150Page - Renesas Technology Corp H8/3028 Datasheet HTML 151Page - Renesas Technology Corp H8/3028 Datasheet HTML 152Page - Renesas Technology Corp H8/3028 Datasheet HTML 153Page - Renesas Technology Corp H8/3028 Datasheet HTML 154Page - Renesas Technology Corp H8/3028 Datasheet HTML 155Page - Renesas Technology Corp H8/3028 Datasheet HTML 156Page - Renesas Technology Corp H8/3028 Datasheet HTML 157Page - Renesas Technology Corp H8/3028 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 923 page
background image
Rev. 2.00, 09/03, page 124 of 890
Bit 0—Refresh Pin Enable (RFSHE): Enables or disables
RFSH pin refresh signal output. If
areas 2 to 5 are not designated as DRAM space, this bit should not be set to 1.
Bit 0
RFSHE
Description
0
RFSH pin refresh signal output disabled
(Initial value)
(
RFSH pin can be used as input/output port)
1
RFSH pin refresh signal output enabled
6.2.8
DRAM Control Register B (DRCRB)
—
TPC
RCW
RLW
0
Initial value
0
0
01000
Read/Write
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76543210
MXC1
MXC0
CSEL
RCYCE
Bit
DRCRB is an 8-bit readable/writable register that selects the number of address multiplex column
address bits for the DRAM interface, the column address strobe output pin, enabling or disabling
of refresh cycle insertion, the number of precharge cycles, enabling or disabling of wait state
insertion between
RAS and CAS, and enabling or disabling of wait state insertion in refresh
cycles.
DRCRB is initialized to H'08 by a reset and in hardware standby mode. It is not initialized in
software standby mode.
The settings in this register are invalid when bits DRAS2 to DRAS0 in DRCRA are all 0.
Bits 7 and 6—Multiplex Control 1 and 0 (MXC1, MXC0): These bits select the row
address/column address multiplexing method used on the DRAM interface. In burst operation, the
row address used for comparison is determined by the setting of these bits and the bus width of the
relevant area set in ABWCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com