công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 157 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 157 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 153Page - Renesas Technology Corp H8/3028 Datasheet HTML 154Page - Renesas Technology Corp H8/3028 Datasheet HTML 155Page - Renesas Technology Corp H8/3028 Datasheet HTML 156Page - Renesas Technology Corp H8/3028 Datasheet HTML 157Page - Renesas Technology Corp H8/3028 Datasheet HTML 158Page - Renesas Technology Corp H8/3028 Datasheet HTML 159Page - Renesas Technology Corp H8/3028 Datasheet HTML 160Page - Renesas Technology Corp H8/3028 Datasheet HTML 161Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 923 page
background image
Rev. 2.00, 09/03, page 127 of 890
initialized to 0 by a reset and in hardware standby mode; they are not initialized in software
standby mode.
Bit 7—Compare Match Flag (CMF): Status flag that indicates a match between the values of
RTCNT and RTCOR.
Bit 7
CMF
Description
0
[Clearing conditions]
When the chip is reset and in standby mode
Read CMF when CMF = 1, then write 0 in CMF
(Initial value)
1
[Setting condition]
When RTCNT = RTCOR
Bit 6—Compare Match Interrupt Enable (CMIE): Enables or disables the CMI interrupt
requested when the CMF flag is set to 1 in RTMCSR. The CMIE bit is always cleared to 0 when
any of areas 2 to 5 is designated as DRAM space.
Bit 6
CMIE
Description
0
The CMI interrupt requested by CMF is disabled
(Initial value)
1
The CMI interrupt requested by CMF is enabled
Bits 5 to 3—Refresh Counter Clock Select (CKS2 to CKS0): These bits select the clock to be
input to RTCNT from among 7 clocks obtained by dividing the system clock (
φ). When the input
clock is selected with bits CKS2 to CKS0, RTCNT begins counting up.
Bit 5
CKS2
Bit 4
CKS1
Bit 3
CKS0
Description
0
0
0
Count operation halted
(Initial value)
1
φ/2 used as counter clock
10
φ/8 used as counter clock
1
φ/32 used as counter clock
100
φ/128 used as counter clock
1
φ/512 used as counter clock
10
φ/2048 used as counter clock
1
φ/4096 used as counter clock
Bits 2 to 0—Reserved: These bits cannot be modified and are always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com