công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 158 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 158 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 154Page - Renesas Technology Corp H8/3028 Datasheet HTML 155Page - Renesas Technology Corp H8/3028 Datasheet HTML 156Page - Renesas Technology Corp H8/3028 Datasheet HTML 157Page - Renesas Technology Corp H8/3028 Datasheet HTML 158Page - Renesas Technology Corp H8/3028 Datasheet HTML 159Page - Renesas Technology Corp H8/3028 Datasheet HTML 160Page - Renesas Technology Corp H8/3028 Datasheet HTML 161Page - Renesas Technology Corp H8/3028 Datasheet HTML 162Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 923 page
background image
Rev. 2.00, 09/03, page 128 of 890
6.2.10
Refresh Timer Counter (RTCNT)
0
Initial value
0000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76543210
Bit
RTCNT is an 8-bit readable/writable up-counter.
RTCNT is incremented by an internal clock selected by bits CKS2 to CKS0 in RTMCSR. When
RTCNT matches RTCOR (compare match), the CMF flag in RTMCSR is set to 1 and RTCNT is
cleared to H'00. If the RCYCE bit in DRCRB is set to 1 at this time, a refresh cycle is started.
Also, if the CMIE bit in RTMCSR is set to 1, a compare match interrupt (CMI) is generated.
RTCNT is initialized to H'00 by a reset and in standby mode.
6.2.11
Refresh Time Constant Register (RTCOR)
1
Initial value
1111111
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76543210
Bit
RTCOR is an 8-bit readable/writable register that determines the interval at which RTCNT is
cleared.
RTCOR and RTCNT are constantly compared. When their values match, the CMF flag is set to 1
in RTMCSR, and RTCNT is simultaneously cleared to H'00.
RTCOR is initialized to H'FF by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Note: Only byte access can be used on this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com