| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3028 bảng dữ liệu(PDF) 162 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028 bảng dữ liệu(HTML) 162 Page - Renesas Technology Corp |
|
162 / 923 page ![]() Rev. 2.00, 09/03, page 132 of 890 6.3.2 Bus Specifications The external space bus specifications consist of three elements: (1) bus width, (2) number of access states, and (3) number of program wait states. The bus width and number of access states for on-chip memory and registers are fixed, and are not affected by the bus controller. Bus Width: A bus width of 8 or 16 bits can be selected with ABWCR. An area for which an 8-bit bus is selected functions as an 8-bit access space, and an area for which a 16-bit bus is selected functions as a16-bit access space. If all areas are designated for 8-bit access, 8-bit bus mode is set; if any area is designated for 16- bit access, 16-bit bus mode is set. Number of Access States: Two or three access states can be selected with ASTCR. An area for which two-state access is selected functions as a two-state access space, and an area for which three-state access is selected functions as a three-state access space. DRAM space is accessed in four states regardless of the ASTCR settings. When two-state access space is designated, wait insertion is disabled. Number of Program Wait States: When three-state access space is designated in ASTCR, the number of program wait states to be inserted automatically is selected with WCRH and WCRL. From 0 to 3 program wait states can be selected. When ASTCR is cleared to 0 for DRAM space, a program wait (Tc1-Tc2 wait) is not inserted. Also, no program wait is inserted in burst ROM space burst cycles. Table 6.3 shows the bus specifications for each basic bus interface area. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |