| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3028 bảng dữ liệu(PDF) 166 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3028 bảng dữ liệu(HTML) 166 Page - Renesas Technology Corp |
|
166 / 923 page ![]() Rev. 2.00, 09/03, page 136 of 890 Cautions: When using address update modes, the following points should be noted. • When address update mode 2 is selected, the address in an internal space (on-chip memory or internal I/O) access cycle is not output externally. • In order to secure address holding with respect to the rise of RD, when address update mode 2 is used an external space read access must be completed within a single access cycle. For example, in a word access to 8-bit access space, the bus cycle is split into two as shown in figure 6.6, and so there is not a single access cycle. In this case, address holding is not guaranteed at the rise of RD between the first (even address) and second (odd address) access cycles (area inside the ellipse in the figure). On-chip memory cycle On-chip memory cycle External read cycle (8-bit space word access) Address update mode 2 RD Even address Odd address Figure 6.6 Example of Consecutive External Space Accesses in Address Update Mode 2 • When address update mode 2 is selected, in a DRAM space CAS-before-RAS (CBR) refresh cycle the previous address is retained (the area 2 start address is not output). |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |