công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 169 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 169 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 165Page - Renesas Technology Corp H8/3028 Datasheet HTML 166Page - Renesas Technology Corp H8/3028 Datasheet HTML 167Page - Renesas Technology Corp H8/3028 Datasheet HTML 168Page - Renesas Technology Corp H8/3028 Datasheet HTML 169Page - Renesas Technology Corp H8/3028 Datasheet HTML 170Page - Renesas Technology Corp H8/3028 Datasheet HTML 171Page - Renesas Technology Corp H8/3028 Datasheet HTML 172Page - Renesas Technology Corp H8/3028 Datasheet HTML 173Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 923 page
background image
Rev. 2.00, 09/03, page 139 of 890
Table 6.4
Data Buses Used and Valid Strobes
Area
Access
Size
Read/Write Address
Valid Strobe
Upper Data Bus
(D15 to D8)
Lower Data Bus
(D7 to D0)
Byte
Read
—
RD
Valid
Invalid
8-bit
access
area
Write
—
HWR
Undetermined
data
Byte
Read
Even
RD
Valid
Invalid
Odd
Invalid
Valid
Write
Even
HWR
Valid
Undetermined
data
Odd
LWR
Undetermined
data
Valid
Word
Read
—
RD
Valid
Valid
16-bit
access
area
Write
—
HWR, LWR
Valid
Valid
Notes: 1. Undetermined data means that unpredictable data is output.
2. Invalid means that the bus is in the input state and the input is ignored.
6.4.4
Memory Areas
The initial state of each area is basic bus interface, three-state access space. The initial bus width
is selected according to the operating mode. The bus specifications described here cover basic
items only, and the following sections should be referred to for further details: section 6.4, Basic
Bus Interface, section 6.5, DRAM Interface, section 6.8, Burst ROM Interface.
Area 0: Area 0 includes on-chip ROM, and in ROM-disabled expansion mode, all of area 0 is
external space. In ROM-enabled expansion mode, the space excluding on-chip ROM is external
space.
When area 0 external space is accessed, the
CS
0 signal can be output.
Either basic bus interface or burst ROM interface can be selected for area 0.
The size of area 0 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3, 4, and 5.
Areas 1 and 6: In external expansion mode, areas 1 and 6 are entirely external space.
When area 1 and 6 external space is accessed, the
CS
1 and CS6 pin signals respectively can be
output.
Only the basic bus interface can be used for areas 1 and 6.
The size of areas 1 and 6 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3, 4, and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com