công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 170 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 170 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 166Page - Renesas Technology Corp H8/3028 Datasheet HTML 167Page - Renesas Technology Corp H8/3028 Datasheet HTML 168Page - Renesas Technology Corp H8/3028 Datasheet HTML 169Page - Renesas Technology Corp H8/3028 Datasheet HTML 170Page - Renesas Technology Corp H8/3028 Datasheet HTML 171Page - Renesas Technology Corp H8/3028 Datasheet HTML 172Page - Renesas Technology Corp H8/3028 Datasheet HTML 173Page - Renesas Technology Corp H8/3028 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 923 page
background image
Rev. 2.00, 09/03, page 140 of 890
Areas 2 to 5: In external expansion mode, areas 2 to 5 are entirely external space.
When area 2 to 5 external space is accessed, signals
CS
2 to CS5 can be output.
Basic bus interface or DRAM interface can be selected for areas 2 to 5. With the DRAM
interface, signals
CS
2 to CS5 are used as RAS signals.
The size of areas 2 to 5 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3, 4, and 5.
Area 7: Area 7 includes the on-chip RAM and registers. In external expansion mode, the space
excluding the on-chip RAM and registers is external space. The on-chip RAM is enabled when
the RAME bit in the system control register (SYSCR) is set to 1; when the RAME bit is cleared to
0, the on-chip RAM is disabled and the corresponding space becomes external space .
When area 7 external space is accessed, the
CS
7 signal can be output.
Only the basic bus interface can be used for the area 7 memory interface.
The size of area 7 is 128 kbytes in modes 1 and 2, and 2 Mbytes in modes 3, 4, and 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com