công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 153 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 153 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 149Page - Renesas Technology Corp H8/3028 Datasheet HTML 150Page - Renesas Technology Corp H8/3028 Datasheet HTML 151Page - Renesas Technology Corp H8/3028 Datasheet HTML 152Page - Renesas Technology Corp H8/3028 Datasheet HTML 153Page - Renesas Technology Corp H8/3028 Datasheet HTML 154Page - Renesas Technology Corp H8/3028 Datasheet HTML 155Page - Renesas Technology Corp H8/3028 Datasheet HTML 156Page - Renesas Technology Corp H8/3028 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 923 page
background image
Rev. 2.00, 09/03, page 123 of 890
When an arbitrary value has been set in DRAS2 to DRAS0, a write of a different value other than
000 must not be performed.
Bit 4—Reserved: This bit cannot be modified and is always read as 1.
Bit 3—Burst Access Enable (BE): Enables or disables burst access to DRAM space. DRAM
space burst access is performed in fast page mode.
Bit 3
BE
Description
0
Burst disabled (always full access)
(Initial value)
1
DRAM space access performed in fast page mode
Bit 2—RAS Down Mode (RDM): Selects whether to wait for the next DRAM access with the
RAS signal held low (RAS down mode), or to drive the RAS signal high again (RAS up mode),
when burst access is enabled for DRAM space (BE = 1), and access to DRAM is interrupted.
Caution is required when the
HWR and LWR are used as the UCAS and LCAS output pins. For
details, see RAS Down Mode and RAS Up Mode in section 6.5.10, Burst Operation.
Bit 2
RDM
Description
0
DRAM interface: RAS up mode selected
(Initial value)
1
DRAM interface: RAS down mode selected
Bit 1—Self-Refresh Mode (SRFMD): Specifies DRAM self-refreshing in software standby
mode.
When any of areas 2 to 5 is designated as DRAM space, DRAM self-refreshing is possible when a
transition is made to software standby mode after the SRFMD bit has been set to 1.
The normal access state is restored when software standby mode is exited, regardless of the
SRFMD setting.
Bit 1
SRFMD
Description
0
DRAM self-refreshing disabled in software standby mode
(Initial value)
1
DRAM self-refreshing enabled in software standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com