công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 151 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 151 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 147Page - Renesas Technology Corp H8/3028 Datasheet HTML 148Page - Renesas Technology Corp H8/3028 Datasheet HTML 149Page - Renesas Technology Corp H8/3028 Datasheet HTML 150Page - Renesas Technology Corp H8/3028 Datasheet HTML 151Page - Renesas Technology Corp H8/3028 Datasheet HTML 152Page - Renesas Technology Corp H8/3028 Datasheet HTML 153Page - Renesas Technology Corp H8/3028 Datasheet HTML 154Page - Renesas Technology Corp H8/3028 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 923 page
background image
Rev. 2.00, 09/03, page 121 of 890
Bit 0—WAIT Pin Enable (WAITE): Enables or disables wait insertion by means of the
WAIT
pin.
Bit 0
WAITE
Description
0
WAIT pin wait input is disabled, and the WAIT pin can be used as an
input/output port
(Initial value)
1
WAIT pin wait input is enabled
6.2.6
Chip Select Control Register (CSCR)
CSCR is an 8-bit readable/writable register that enables or disables output of chip select signals
(
CS
7 to CS4).
If output of a chip select signal is enabled by a setting in this register, the corresponding pin
functions as a chip select signal (
CS
7 to CS4) output regardless of any other settings. CSCR
cannot be modified in single-chip mode.
————
0
Initial value
0001111
Read/Write
———
—
R/W
R/W
R/W
R/W
76543210
Reserved bits
CS7E
CS6E
CS5E
CS4E
Chip select 7 to 4 enable
These bits enable or disable
chip select signal output
Bit
CSCR is initialized to H'0F by a reset and in hardware standby mode. It is not initialized in
software standby mode.
Bits 7 to 4—Chip Select 7 to 4 Enable (CS7E to CS4E): These bits enable or disable output of
the corresponding chip select signal.
Bit n
CSnE
Description
0
Output of chip select signal
CSn is disabled
(Initial value)
1
Output of chip select signal
CSn is enabled
Note: n = 7 to 4
Bits 3 to 0—Reserved: These bits cannot be modified and are always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com