công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 149 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 149 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 145Page - Renesas Technology Corp H8/3028 Datasheet HTML 146Page - Renesas Technology Corp H8/3028 Datasheet HTML 147Page - Renesas Technology Corp H8/3028 Datasheet HTML 148Page - Renesas Technology Corp H8/3028 Datasheet HTML 149Page - Renesas Technology Corp H8/3028 Datasheet HTML 150Page - Renesas Technology Corp H8/3028 Datasheet HTML 151Page - Renesas Technology Corp H8/3028 Datasheet HTML 152Page - Renesas Technology Corp H8/3028 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 923 page
background image
Rev. 2.00, 09/03, page 119 of 890
Bit 7—Idle Cycle Insertion 1 (ICIS1): Selects whether one idle cycle state is to be inserted
between bus cycles in case of consecutive external read cycles for different areas.
Bit 7
ICIS1
Description
0
No idle cycle inserted in case of consecutive external read cycles for different
areas
1
Idle cycle inserted in case of consecutive external read cycles for different
areas
(Initial value)
Bit 6—Idle Cycle Insertion 0 (ICIS0): Selects whether one idle cycle state is to be inserted
between bus cycles in case of consecutive external read and write cycles.
Bit 6
ICIS0
Description
0
No idle cycle inserted in case of consecutive external read and write cycles
1
Idle cycle inserted in case of consecutive external read and write cycles
(Initial value)
Bit 5—Burst ROM Enable (BROME): Selects whether area 0 is a burst ROM interface area.
Bit 5
BROME
Description
0
Area 0 is a basic bus interface area
(Initial value)
1
Area 0 is a burst ROM interface area
Bit 4—Burst Cycle Select 1 (BRSTS1): Selects the number of burst cycle states for the burst
ROM interface.
Bit 4
BRSTS1
Description
0
Burst access cycle comprises 2 states
(Initial value)
1
Burst access cycle comprises 3 states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com