công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 150 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 150 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 146Page - Renesas Technology Corp H8/3028 Datasheet HTML 147Page - Renesas Technology Corp H8/3028 Datasheet HTML 148Page - Renesas Technology Corp H8/3028 Datasheet HTML 149Page - Renesas Technology Corp H8/3028 Datasheet HTML 150Page - Renesas Technology Corp H8/3028 Datasheet HTML 151Page - Renesas Technology Corp H8/3028 Datasheet HTML 152Page - Renesas Technology Corp H8/3028 Datasheet HTML 153Page - Renesas Technology Corp H8/3028 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 923 page
background image
Rev. 2.00, 09/03, page 120 of 890
Bit 3—Burst Cycle Select 0 (BRSTS0): Selects the number of words that can be accessed in a
burst ROM interface burst access.
Bit 3
BRSTS0
Description
0
Max. 4 words in burst access (burst access on match of address bits above A3)
(Initial value)
1
Max. 8 words in burst access (burst access on match of address bits above A4)
Bit 2—Expansion Memory Map Control (EMC): Selects either of the two memory maps.
Bit 2
EMC
Description
0
Selects the memory map shown in figure 3.2: see section 3.6, Memory Map in
Each Operating Mode
1
Selects the memory map shown in figure 3.1: see section 3.6, Memory Map in
Each Operating Mode
(Initial value)
When EMC is cleared to 0, addresses of some internal I/O registers are moved. For details, refer
to appendix B.2, Address (when EMC = 0).
This bit is invalid in mode 6. In mode 6 and when the RDEA bit is 0, EMC must not be cleared to
0.
Bit 1—Area Division Unit Select (RDEA): Selects the memory map area division units. This bit
is valid in modes 3, 4, and 5, and is invalid in modes 1, 2, 6, and 7.
When the EMC bit is 0, RDEA must not be cleared to 0.
Bit 1
RDEA
Description
0
Area divisions are as follows:
Area 0: 2 Mbytes
Area 4: 1.93 Mbytes
Area 1: 2 Mbytes
Area 5: 4 kbytes
Area 2: 8 Mbytes
Area 6: 23.75 kbytes
Area 3: 2 Mbytes
Area 7: 22 bytes
1
Areas 0 to 7 are the same size (2 Mbytes)
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com