công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 147 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 147 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 143Page - Renesas Technology Corp H8/3028 Datasheet HTML 144Page - Renesas Technology Corp H8/3028 Datasheet HTML 145Page - Renesas Technology Corp H8/3028 Datasheet HTML 146Page - Renesas Technology Corp H8/3028 Datasheet HTML 147Page - Renesas Technology Corp H8/3028 Datasheet HTML 148Page - Renesas Technology Corp H8/3028 Datasheet HTML 149Page - Renesas Technology Corp H8/3028 Datasheet HTML 150Page - Renesas Technology Corp H8/3028 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 923 page
background image
Rev. 2.00, 09/03, page 117 of 890
6.2.4
Bus Release Control Register (BRCR)
BRCR is an 8-bit readable/writable register that enables address output on bus lines A23 to A20 and
enables or disables release of the bus to an external device.
7
A23E
1
—
1
R/W
1
R/W
Address 23 to 20 enable
These bits enable PA7 to PA4 to be
used for A23 to A20 address output
6
A22E
1
—
1
R/W
1
R/W
5
A21E
1
—
1
R/W
1
R/W
4
A20E
1
—
0
—
1
R/W
3
—
1
—
1
—
1
—
2
—
1
—
1
—
1
—
1
—
1
—
1
—
1
—
0
BRLE
0
R/W
0
R/W
0
R/W
Bit
Modes
1, 2, 6,
and 7
Initial value
Read/Write
Initial value
Read/Write
Initial value
Read/Write
Modes
3 and 4
Mode 5
Reserved bits
Bus release enable
Enables or disables
release of the bus
to an external device
BRCR is initialized to H'FE in modes 1, 2, 5, 6, and 7, and to H'EE in modes 3 and 4, by a reset
and in hardware standby mode. It is not initialized in software standby mode.
Bit 7—Address 23 Enable (A23E): Enables PA4 to be used as the A23 address output pin.
Writing 0 in this bit enables A23 output from PA4. In modes other than 3, 4, and 5, this bit cannot
be modified and PA4 has its ordinary port functions.
Bit 7
A23E
Description
0PA4 is the A23 address output pin
1PA4 is an input/output pin
(Initial value)
Bit 6—Address 22 Enable (A22E): Enables PA5 to be used as the A22 address output pin.
Writing 0 in this bit enables A22 output from PA5. In modes other than 3, 4, and 5, this bit cannot
be modified and PA5 has its ordinary port functions.
Bit 6
A22E
Description
0PA5 is the A22 address output pin
1PA5 is an input/output pin
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com