công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 144 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 144 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 140Page - Renesas Technology Corp H8/3028 Datasheet HTML 141Page - Renesas Technology Corp H8/3028 Datasheet HTML 142Page - Renesas Technology Corp H8/3028 Datasheet HTML 143Page - Renesas Technology Corp H8/3028 Datasheet HTML 144Page - Renesas Technology Corp H8/3028 Datasheet HTML 145Page - Renesas Technology Corp H8/3028 Datasheet HTML 146Page - Renesas Technology Corp H8/3028 Datasheet HTML 147Page - Renesas Technology Corp H8/3028 Datasheet HTML 148Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 923 page
background image
Rev. 2.00, 09/03, page 114 of 890
WCRH
W51
W50
W41
W40
1
Initial value
1111111
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76543210
W71
W70
W61
W60
Bit
Bits 7 and 6—Area 7 Wait Control 1 and 0 (W71, W70): These bits select the number of
program wait states when area 7 in external space is accessed while the AST7 bit in ASTCR is set
to 1.
Bit 7
W71
Bit 6
W70
Description
0
0
Program wait not inserted when external space area 7 is accessed
1
1 program wait state inserted when external space area 7 is accessed
1
0
2 program wait states inserted when external space area 7 is accessed
1
3 program wait states inserted when external space area 7 is accessed
(Initial value)
Bits 5 and 4—Area 6 Wait Control 1 and 0 (W61, W60): These bits select the number of
program wait states when area 6 in external space is accessed while the AST6 bit in ASTCR is set
to 1.
Bit 5
W61
Bit 4
W60
Description
0
0
Program wait not inserted when external space area 6 is accessed
1
1 program wait state inserted when external space area 6 is accessed
1
0
2 program wait states inserted when external space area 6 is accessed
1
3 program wait states inserted when external space area 6 is accessed
(Initial value)
Bits 3 and 2—Area 5 Wait Control 1 and 0 (W51, W50): These bits select the number of
program wait states when area 5 in external space is accessed while the AST5 bit in ASTCR is set
to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com