công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3028 bảng dữ liệu(PDF) 142 Page - Renesas Technology Corp

tên linh kiện H8/3028
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  923 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3028 bảng dữ liệu(HTML) 142 Page - Renesas Technology Corp

Back Button H8/3028 Datasheet HTML 138Page - Renesas Technology Corp H8/3028 Datasheet HTML 139Page - Renesas Technology Corp H8/3028 Datasheet HTML 140Page - Renesas Technology Corp H8/3028 Datasheet HTML 141Page - Renesas Technology Corp H8/3028 Datasheet HTML 142Page - Renesas Technology Corp H8/3028 Datasheet HTML 143Page - Renesas Technology Corp H8/3028 Datasheet HTML 144Page - Renesas Technology Corp H8/3028 Datasheet HTML 145Page - Renesas Technology Corp H8/3028 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 923 page
background image
Rev. 2.00, 09/03, page 112 of 890
6.2
Register Descriptions
6.2.1
Bus Width Control Register (ABWCR)
ABWCR is an 8-bit readable/writable register that selects 8-bit or 16-bit access for each area.
7
ABW7
1
R/W
0
R/W
6
ABW6
1
R/W
0
R/W
5
ABW5
1
R/W
0
R/W
4
ABW4
1
R/W
0
R/W
3
ABW3
1
R/W
0
R/W
2
ABW2
1
R/W
0
R/W
1
ABW1
1
R/W
0
R/W
0
ABW0
1
R/W
0
R/W
Bit
Modes
1, 3, 5, 6,
and 7
Initial value
Read/Write
Initial value
Read/Write
Modes
2 and 4
When ABWCR contains H'FF (selecting 8-bit access for all areas), the chip operates in 8-bit bus
mode: the upper data bus (D15 to D8) is valid, and port 4 is an input/output port. When at least one
bit is cleared to 0 in ABWCR, the chip operates in 16-bit bus mode with a 16-bit data bus (D15 to
D0). In modes 1, 3, 5, 6, and 7, ABWCR is initialized to H'FF by a reset and in hardware standby
mode. In modes 2 and 4, ABWCR is initialized to H'00 by a reset and in hardware standby mode.
It is not initialized in software standby mode.
Bits 7 to 0—Area 7 to 0 Bus Width Control (ABW7 to ABW0): These bits select 8-bit access
or 16-bit access for the corresponding areas.
Bits 7 to 0
ABW7 to ABW0
Description
0
Areas 7 to 0 are 16-bit access areas
1
Areas 7 to 0 are 8-bit access areas
ABWCR specifies the data bus width of external memory areas. The data bus width of on-chip
memory and registers is fixed, and does not depend on ABWCR settings. These settings are
therefore meaningless in the single-chip modes (modes 6 and 7).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com