| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 782 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 782 Page - Renesas Technology Corp |
|
782 / 940 page ![]() EXTERNAL ROM VERSION 7735 Group User’s Manual 20–12 20.7 Timer A, 20.8 Reset 20.7 Timer A The timer A description of the M37735S4BFP is the same as that of the 7733 Group. For timer A description of the M37735S4BFP, refer to the following: • “6. TIMER A” (page 6-2 in part 1) • “20.7 Timer A” (page 20-12 in part 1) 20.8 Reset The reset description of the M37735S4BFP differs from that of the mask ROM version in the state immediately after reset. The state immediately after reset of the M37735S4BFP differs from that of the mask ROM version in the following addresses: addresses 1C16, 1D16, 6216 and 6316. Figures 20.8.1 and 20.8.2 show the state of SFR area and internal RAM area immediately after reset (1) and (4). Figure 20.8.1 corresponds to Figure 13.1.3 in part 1. Figure 20.8.2 corresponds to Figure 13.1.6 in part 1. For the other descriptions, refer to chapter “13. RESET.” ______ For the pin state while pin RESET is at “L” level, refer to Table 13.1.1. |