| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 712 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 712 Page - Renesas Technology Corp |
|
712 / 940 page ![]() CLOCK GENERATING CIRCUIT 7735 Group User’s Manual 14-2 14.3 Clock control Concerning chapter “14. CLOCK GENERATING CIRCUIT,” the 7735 Group differs from the 7733 Group in the following section. Therefore, only the differences are described in this chapter: • “14.3 Clock control” The following sections are the same as those of the 7733 Group. Therefore, for these sections, refer to part 1: • “14.1 Overview” (page 14-2 in part 1) • “14.2 Oscillation circuit example” (page 14-3 in part 1) 14.3 Clock control Concerning section “14.3 Clock control,” the 7735 Group differs from the 7733 Group in the following: • Figures 14.3.3 and 14.3.4 The other description is the same as that of the 7733 Group. Therefore, refer to part 1: • “14.3 Clock control” (page 14-5 in part 1) |