| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 652 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 652 Page - Renesas Technology Corp |
|
652 / 940 page ![]() PROGRAMMABLE I/O PORTS 7735 Group User’s Manual 3–2 3.2 Port peripheral circuits Concerning chapter “3. PROGRAMMABLE I/O PORTS,” the 7735 Group differs from the 7733 Group in the following section. Therefore, only the difference is described in this chapter: • 3.2 Port peripheral circuits The following sections are the same as those of the 7733 Group. Therefore, for these sections, refer to part 1: • “3.1 Programmable I/O ports” (page 3-2 in part 1) • “3.3 Pull-up function” (page 3-8 in part 1) • “3.4 Internal peripheral devices’ I/O functions (Ports P42 and P5 to P8)” (page 3-10 in part 1) 3.2 Port peripheral circuits Concerning section “3.2 Port peripheral circuits,” the 7735 Group differs from the 7733 Group in the follow- ing: _ ____ • Pin E/RDE in Figure 3.2.2 The other description is the same as that of the 7733 Group. Therefore, refer to part 1: • “3.2 Port peripheral circuits” (page 3-6 in part 1) Fig. 3.2.2 Port peripheral circuits (2) • E / RDE Hold acknowledge |