| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 615 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 615 Page - Renesas Technology Corp |
|
615 / 940 page ![]() 7733 Group User’s Manual 21-67 APPENDIX 4. Oscillator protection The oscillator, which generates the basic clock for the microcomputer operations, must be protected from the affect of other signals. (1) Distance oscillator from signal lines with large current flows q Install the microcomputer, especially the oscillator, as far as possible from signal lines which handle currents larger than the microcomputer current value tolerance. Reason The microcomputer is used in systems which contain signal lines for controlling motors, LEDs, thermal heads, etc. Noise occurs due to mutual inductance when a large current flows through the signal lines. (2) Distance oscillator from signal lines with frequent potential level changes q Install an oscillator and a connecting pattern away from signal lines in which potential levels change frequently. q Do not cross these signal lines over clock- related or noise-sensitive signal lines. Reason Signal lines with frequently changing potential levels may affect other signal lines at the rising or falling edge. In particular, if the lines cross over a clock-related signal line, clock waveforms may be deformed, which causes a microcomputer malfunction or a program runaway. Fig. 19 Wiring for signal lines with large current flows Fig. 20 Wiring for signal lines with frequent potential level changes XIN XOUT Vss M M37733MHBXXXFP Mutual inductance Large current GND XIN XOUT Vss g Do not cross. g I/O pin for signal with frequently changing potential levels. M37733MHBXXXFP Appendix 8. Countermeasure examples against noise |