| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7733 bảng dữ liệu(PDF) 468 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7733 bảng dữ liệu(HTML) 468 Page - Renesas Technology Corp |
|
468 / 940 page ![]() LOW VOLTAGE VERSION 7733 Group User’s Manual 18–2 The low voltage version has the following characteristics: • Low power source voltage (2.7 to 5.5 V) • Wide operating temperature range (–40 to 85 °C) The low voltage version is suitable to control equipment which is required to process a large amount of data with a little power dissipation, for example portable equipment which is driven by a battery and OA equip- ment. Differences between the M37733MHLXXXHP, which is the low voltage version of the 7733 Group, and the M37733MHBXXXFP are mainly described below. For the EPROM mode of the built-in PROM version, refer to chapter “19. BUILT-IN PROM VERSION.” |