công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7721 bảng dữ liệu(PDF) 390 Page - Renesas Technology Corp

tên linh kiện SH7721
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 bảng dữ liệu(HTML) 390 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 386Page - Renesas Technology Corp SH7721 Datasheet HTML 387Page - Renesas Technology Corp SH7721 Datasheet HTML 388Page - Renesas Technology Corp SH7721 Datasheet HTML 389Page - Renesas Technology Corp SH7721 Datasheet HTML 390Page - Renesas Technology Corp SH7721 Datasheet HTML 391Page - Renesas Technology Corp SH7721 Datasheet HTML 392Page - Renesas Technology Corp SH7721 Datasheet HTML 393Page - Renesas Technology Corp SH7721 Datasheet HTML 394Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 328 of 1458
REJ09B0033-0300
9.4.5
Refresh Timer Control/Status Register (RTCSR)
RTCSR specifies various items about refresh for SDRAM.
When RTCSR is written, the upper 16 bits of the write data must be H'A55A to cancel write
protection.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
7
CMF
0
R/W
Compare Match Flag
Indicates that a compare match occurs between the refresh
timer counter (RTCNT) and refresh time constant register
(RTCOR). This bit is set or cleared in the following
conditions.
0: Clearing condition: When 0 is written in CMF after reading
out RTCSR during CMF = 1.
1: Setting condition: When the condition RTCNT = RTCOR is
satisfied.
6
CMIE
0
R/W
Compare Match Interrupt Enable
Enables or disables a CMF interrupt request when the CMF
bit of RTCSR is set to 1.
0: Disables the CMF interrupt request
1: Enables the CMF interrupt request
5
4
3
CKS2
CKS1
CKS0
0
0
0
R/W
R/W
R/W
Clock Select
Select the clock input to count-up the refresh timer counter
(RTCNT).
000: Stop the counting-up
001: B
φ/4
010: B
φ/16
011: B
φ/64
100: B
φ/256
101: B
φ/1024
110: B
φ/2048
111: B
φ/4096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com