| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7721 bảng dữ liệu(PDF) 46 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 bảng dữ liệu(HTML) 46 Page - Renesas Technology Corp |
|
46 / 1524 page ![]() Rev. 3.00 Jan. 18, 2008 Page xlvi of lxii Section 31 MultiMediaCard Interface (MMCIF) Figure 31.1 Block Diagram of MMCIF.................................................................................... 1028 Figure 31.2 Example of Command Sequence for Commands that do not Require Command Response............................................................... 1060 Figure 31.3 Operational Flow for Commands that do not Require Command Response......... 1061 Figure 31.4 Example of Command Sequence for Commands without Data Transfer (No Data Busy State)............................................................................................. 1063 Figure 31.5 Example of Command Sequence for Commands without Data Transfer (with Data Busy State)........................................................................................... 1064 Figure 31.6 Operational Flowchart for Commands without Data Transfer .............................. 1065 Figure 31.7 Example of Command Sequence for Commands with Read Data (Block Size ≤ FIFO Size) ...................................................................................... 1067 Figure 31.8 Example of Command Sequence for Commands with Read Data (Block Size > FIFO Size) ...................................................................................... 1068 Figure 31.9 Example of Command Sequence for Commands with Read Data (Multiblock Transfer) ............................................................................................ 1069 Figure 31.10 Example of Command Sequence for Commands with Read Data (Stream Transfer) ................................................................................................ 1070 Figure 31.11 Operational Flowchart for Commands with Read Data (Single Block Transfer) ....................................................................................... 1071 Figure 31.12 Operational Flowchart for Commands with Read Data (Open-ended Multiblock Transfer) (1) ................................................................ 1072 Figure 31.12 Operational Flowchart for Commands with Read Data (Open-ended Multiblock Transfer) (2) ................................................................ 1073 Figure 31.13 Operational Flowchart for Commands with Read Data (Pre-defined Multiblock Transfer) (1)................................................................. 1074 Figure 31.13 Operational Flowchart for Commands with Read Data (Pre-defined Multiblock Transfer) (2)................................................................. 1075 Figure 31.14 Operational Flowchart for Commands with Read Data (Stream Transfer) ......... 1076 Figure 31.15 Example of Command Sequence for Commands with Write Data (Block Size ≤ FIFO Size) .................................................................................... 1078 Figure 31.16 Example of Command Sequence for Commands with Write Data (Block Size > FIFO Size) .................................................................................... 1079 Figure 31.17 Example of Command Sequence for Commands with Write Data (Multiblock Transfer) .......................................................................................... 1080 Figure 31.18 Example of Command Sequence for Commands with Write Data (Stream Transfer) ................................................................................................ 1081 Figure 31.19 Operational Flowchart for Commands with Write Data (Single Block Transfer) ....................................................................................... 1082 |