công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SH7721 bảng dữ liệu(PDF) 387 Page - Renesas Technology Corp

tên linh kiện SH7721
Giải thích chi tiết về linh kiện  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 bảng dữ liệu(HTML) 387 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 383Page - Renesas Technology Corp SH7721 Datasheet HTML 384Page - Renesas Technology Corp SH7721 Datasheet HTML 385Page - Renesas Technology Corp SH7721 Datasheet HTML 386Page - Renesas Technology Corp SH7721 Datasheet HTML 387Page - Renesas Technology Corp SH7721 Datasheet HTML 388Page - Renesas Technology Corp SH7721 Datasheet HTML 389Page - Renesas Technology Corp SH7721 Datasheet HTML 390Page - Renesas Technology Corp SH7721 Datasheet HTML 391Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 325 of 1458
REJ09B0033-0300
9.4.4
SDRAM Control Register (SDCR)
SDCR specifies the method to refresh and access SDRAM, and the types of SDRAMs to be
connected.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 21
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
20
19
A2ROW1
A2ROW0
0
0
R/W
R/W
Number of Bits of Row Address for Area 2
Specify the number of bits of row address for area 2.
00: 11 bits
01: 12 bits
10: 13 bits
11: Reserved (setting prohibited)
18
0
R
Reserved
This bit is always read as 0. The write value should always
be 0.
17
16
A2COL1
A2COL0
0
0
R/W
R/W
Number of Bits of Column Address for Area 2
Specify the number of bits of column address for area 2.
00: 8 bits
01: 9 bits
10: 10 bits
11: Reserved (setting prohibited)
15, 14
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
13
DEEP
0
R/W
Deep Power-Down Mode
This bit is valid for low-power SDRAM. If the RMODE bit is
set to 1 while this bit is set to 1, the deep power-down entry
command is issued and the low-power SDRAM enters the
deep power-down mode.
0: Self-refresh mode
1: Deep power-down mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com