| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/26 bảng dữ liệu(PDF) 225 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/26 bảng dữ liệu(HTML) 225 Page - Renesas Technology Corp |
|
225 / 239 page ![]() Appendix Standard Serial I/O Mode 1 (Flash Memory Version) 219 Renesas Technology Corp. M16C/26 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Under development Preliminary Specifications Rev. 0.9 Specifications in this manual are tentative and subject to change. Example Circuit Application for The Standard Serial I/O Mode 1 The below figure shows a circuit application for the standard serial I/O mode 1. Control pins will vary according to programmer, therefore see the peripheral unit manual for more information. Figure 1.22.14. Example circuit application for the standard serial I/O mode 1 RTS1(BUSY) CLK1 RXD1 TXD1 CNVss Clock input BUSY output Data input Data output P86(CE) (1) Control pins and external circuitry will vary according to peripheral unit. For more information, see the peripheral unit manual. (2) In this example, the microprocessor mode and standard serial I/O mode are switched via a switch. M16C/26 Group (Flash memory version) |