| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/26 bảng dữ liệu(PDF) 221 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/26 bảng dữ liệu(HTML) 221 Page - Renesas Technology Corp |
|
221 / 239 page ![]() Appendix Standard Serial I/O Mode 1 (Flash Memory Version) 215 Renesas Technology Corp. M16C/26 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER Under development Preliminary Specifications Rev. 0.9 Specifications in this manual are tentative and subject to change. Read Check Data This command reads the check data that confirms that the write data, which was sent with the page program command, was successfully received. (1) Transfer the "FD16" command code with the 1st byte. (2) The check data (low) is received with the 2nd byte and the check data (high) with the 3rd. To use this read check data command, first execute the command and then initialize the check data. Next, execute the page program command the required number of times. After that, when the read check command is executed again, the check data for all of the read data that was sent with the page program command during this time is read. The check data is the result of CRC operation of write data. Figure 1.22.12. Timing for the read check data Check data (low) CLK1 RxD1 TxD1 RTS1(BUSY) FD16 (M16C reception data) (M16C transmit data) Check data (high) |