| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7052 bảng dữ liệu(PDF) 595 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 bảng dữ liệu(HTML) 595 Page - Renesas Technology Corp |
|
595 / 919 page ![]() 569 Analog Input Channels Bit 3: Bit 2: Bit 1: Bit 0: Single Mode 4-Channel Scan Mode CH3 CH2 CH1 CH0 A/D0 A/D0 0000AN0 (Initial value) AN0 1 AN1 AN0, AN1 1 0 AN2 AN0 to AN2 1 AN3 AN0 to AN3 1 0 0 AN4 AN4 1 AN5 AN4, AN5 1 0 AN6 AN4 to AN6 1 AN7 AN4 to AN7 1 0* 0 0 AN8 AN8 1 AN9 AN8, AN9 1 0 AN10 AN8 to AN10 1 AN11 AN8 to AN11 Note: * Must be cleared to 0. Analog Input Channels Bit 3: Bit 2: Bit 1: Bit 0: 8-Channel Scan Mode 12-Channel Scan Mode CH3 CH2 CH1 CH0 A/D0 A/D0 0000 AN0, AN4 AN0, AN4, AN8 1 AN0, AN1, AN4, AN5 AN0, AN1, AN4, AN5, AN8, AN9 1 0 AN0 to AN2, AN4 to AN6 AN0 to AN2, AN4 to AN6, AN8 to AN10 1 AN0 to AN7 AN0 to AN11 1 0 0 AN0, AN4 AN0, AN4, AN8 1 AN0, AN1, AN4, AN5 AN0, AN1, AN4, AN5, AN8, AN9 1 0 AN0 to AN2, AN4 to AN6 AN0 to AN2, AN4 to AN6, AN8 to AN10 1 AN0 to AN7 AN0 to AN11 10* 1 0 0 Reserved* 2 AN0, AN4, AN8 1 AN0, AN1, AN4, AN5, AN8, AN9 1 0 AN0 to AN2, AN4 to AN6, AN8 to AN10 1 AN0 to AN11 Notes: 1. Must be cleared to 0. 2. These modes are provided for future expansion, and cannot be used at present. |