| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SH7052 bảng dữ liệu(PDF) 552 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 bảng dữ liệu(HTML) 552 Page - Renesas Technology Corp |
|
552 / 919 page ![]() 526 15.2.17 Local Acceptance Filter Masks (LAFML, LAFMH) The local acceptance filter masks (LAFML, LAFMH) are 16-bit readable/writable registers that filter receive messages to be stored in the receive-only mailbox (MC0, MD0) according to the identifier. In these registers, consist of LAFMH15: MSB to LAFMH5: LSB are 11 standard/extended identifier bits, and LAFMH1: MSB to LAFML0: LSB are 18 extended identifier bits. LAFML Bit: 15 14 13 12 11 10 9 8 LAFML7 LAFML6 LAFML5 LAFML4 LAFML3 LAFML2 LAFML1 LAFML0 Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W Bit: 7 6 5 4 3 2 1 0 LAFML15 LAFML14 LAFML13 LAFML12 LAFML11 LAFML10 LAFML9 LAFML8 Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W LAFMH Bit: 15 14 13 12 11 10 9 8 LAFMH7 LAFMH6 LAFMH5 —— — LAFMH1 LAFMH0 Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R R R R/W R/W Bit: 7 6 5 4 3 2 1 0 LAFMH15 LAFMH14 LAFMH13 LAFMH12 LAFMH11 LAFMH10 LAFMH9 LAFMH8 Initial value: 0 0 0 0 0 0 0 0 R/W: R/W R/W R/W R/W R/W R/W R/W R/W • LAFMH Bits 7 to 0 and 15 to 13—11-Bit Identifier Filter (LAFMH7 to 5, LAFMH15 to 8): Filter mask bits for the first 11 bits of the receive message identifier (for both standard and extended identifiers). |