công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M16C/1N bảng dữ liệu(PDF) 123 Page - Renesas Technology Corp

tên linh kiện M16C/1N
Giải thích chi tiết về linh kiện  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/10 SERIES
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/1N bảng dữ liệu(HTML) 123 Page - Renesas Technology Corp

Back Button M16C/1N Datasheet HTML 119Page - Renesas Technology Corp M16C/1N Datasheet HTML 120Page - Renesas Technology Corp M16C/1N Datasheet HTML 121Page - Renesas Technology Corp M16C/1N Datasheet HTML 122Page - Renesas Technology Corp M16C/1N Datasheet HTML 123Page - Renesas Technology Corp M16C/1N Datasheet HTML 124Page - Renesas Technology Corp M16C/1N Datasheet HTML 125Page - Renesas Technology Corp M16C/1N Datasheet HTML 126Page - Renesas Technology Corp M16C/1N Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 238 page
background image
Rev.1.00
Oct 20, 2004
page 111 of 222
M16C/1N Group
13. Serial I/O
REJ09B0007-0100Z
Note 1: Set the corresponding port direction register to "0".
b7
b6
b5 b4
b3
b2
b1
b0
UARTi transmit/receive mode register
Symbol
UiMR(i=0,1)
Address
00A016, 00A816
When reset
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Function
(During clock synchronous serial I/O mode)
Function
(During UART mode)
Bit name
Bit
symbol
SMD0
Serial I/O mode select bit
Internal/external clock
select bit
Stop bit length select bit
Odd/even parity select bit
Parity enable bit
0 : Internal clock
1 : External clock (Note 1)
Invalid
Invalid
Invalid
Set to "0"
0 : Internal clock
1 : External clock
0 : One stop bit
1 : Two stop bits
Valid when bit 6 = "1"
0 : Odd parity
1 : Even parity
0 : Parity disabled
1 : Parity enabled
Must be fixed to 001
SMD1
SMD2
CKDIR
STPS
PRY
PRYE
Reserved bit
0 0 0 : Serial I/O invalid
0 1 0 : Inhibited
0 1 1 : Inhibited
1 1 1 : Inhibited
b2 b1 b0
1 0 0 : Transfer data 7 bits long
1 0 1 : Transfer data 8 bits long
1 1 0 : Transfer data 9 bits long
0 0 0 : Serial I/O invalid
0 1 0 : Inhibited
0 1 1 : Inhibited
1 1 1 : Inhibited
b2 b1 b0
b7
b6
b5 b4
b3
b2
b1
b0
UARTi transmit/receive control register 0
Symbol
UiC0(i=0,1)
Address
00A416, 00AC16
When reset
0816
RW
RW
RW
RW
RO
RW
RW
RW
Function
(During clock synchronous serial I/O mode)
Function
(During UART mode)
Bit name
Bit
symbol
CLK0
CLK1
Reserved bit
TXEPT
Nothing is assigned
Set to "0"
In an attempt to write to this bit, write "0".
The value, if read, turn out to be "0".
NCH
CKPOL
UFORM
BRG count source
select bit
Transmit register empty
flag
Data output select bit
CLK polarity select bit
Transfer format select bit
Set to "0"
Set to "0"
0 : LSB first
1 : MSB first
0
0
0 : Transmit data is output
at falling edge of transfer
clock and receive data is
input at rising edge
1 : Transmit data is output
at rising edge of transfer
clock and receive data is
input at falling edge
0 : TXDi pin is CMOS output
1 : TXDi pin is N-channel
open-drain output
0 : Data present in transmit
register (during transmission)
1 : No data present in transmit
register (transmission
completed)
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : fc is selected
b1 b0
0 : TXDi pin is CMOS output
1 : TXDi pin is N-channel open-
drain output
0 : Data present in transmit register
(during transmission)
1 : No data present in transmit
register (transmission completed)
0 0 : f1 is selected
0 1 : f8 is selected
1 0 : f32 is selected
1 1 : fc is selected
b1 b0
Figure 13.4 Serial I/O-related registers (2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com