| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M16C/1N bảng dữ liệu(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M16C/1N bảng dữ liệu(HTML) 27 Page - Renesas Technology Corp |
|
27 / 238 page ![]() Rev.1.00 Oct 20, 2004 page 15 of 222 M16C/1N Group 4. Special Function Registers (SFR) REJ09B0007-0100Z 024016 024116 024216 024316 024416 024516 024616 024716 024816 024916 024A16 024B16 024C16 024D16 024E16 024F16 025016 025116 025216 025316 025416 025516 025616 025716 025816 025916 025A16 025B16 025C16 025D16 025E16 025F16 026016 026116 026216 026316 026416 026516 026616 026716 026816 026916 026A16 026B16 026C16 026D16 026E16 026F16 027016 027116 027216 027316 027416 027516 027616 027716 027816 027916 027A16 027B16 027C16 027D16 027E16 027F16 C0AFS CCLKR XX16 XX16 X000XXXX2 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 XX16 Address Register Symbol After reset Note 1: Location in the SFR area where nothing is allocated are reserved areas. Do not access these areas for read or write. X : Undefined CAN0 acceptance filter support register CAN0 clock select register CAN0 slot 0: Identifier / DLC CAN0 slot 0: Data Field CAN0 slot 0: Time Stamp CAN0 slot 1: Identifier / DLC CAN0 slot 1: Data Field CAN0 slot 1: Time Stamp |