công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 897 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 897 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 893Page - Renesas Technology Corp H8S/2114R Datasheet HTML 894Page - Renesas Technology Corp H8S/2114R Datasheet HTML 895Page - Renesas Technology Corp H8S/2114R Datasheet HTML 896Page - Renesas Technology Corp H8S/2114R Datasheet HTML 897Page - Renesas Technology Corp H8S/2114R Datasheet HTML 898Page - Renesas Technology Corp H8S/2114R Datasheet HTML 899Page - Renesas Technology Corp H8S/2114R Datasheet HTML 900Page - Renesas Technology Corp H8S/2114R Datasheet HTML 901Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 897 / 1038 page
background image
Section 23 Clock Pulse Generator
CPG0500A_000020020300
Rev. 3.00 Jul. 14, 2005 Page 849 of 986
REJ09B0098-0300
Section 23 Clock Pulse Generator
This LSI incorporates a clock pulse generator which generates the system clock (
φ), internal clock,
bus master clock, and subclock (
φSUB). The clock pulse generator consists of an oscillator, duty
correction circuit, system clock select circuit, medium-speed clock divider, bus master clock select
circuit, subclock input circuit, and subclock waveform forming circuit. Figure 23.1 shows a block
diagram of the clock pulse generator.
EXTAL
XTAL
EXCL
(ExEXCL)
WDT_1
count clock
φ
φ/2
to
φ/32
φSUB
Subclock
input circuit
Subclock
waveform
forming circuit
Oscillator
System clock
to
φ pin
Internal clock
to on-chip
peripheral modules
Bus master clock
to CPU, DTC, and LPC
System
clock
select
circuit
Medium-
speed clock
divider
Bus master
clock select
circuit
φ
Duty
correction
circuit
Figure 23.1 Block Diagram of Clock Pulse Generator
In high-speed mode or medium-speed mode, the bus master clock is selected by software
according to the settings of the SCK2 to SCK0 bits in the standby control register (SBYCR). For
details on SBYCR, see section 24.1.1, Standby Control Register (SBYCR).
The subclock input is controlled by software according to the EXCLE bit and the EXCLS bit in
the port control register (PTCNT0) settings in the low power control register (LPWRCR). For
details on LPWRCR, see section 24.1.2, Low-Power Control Register (LPWRCR). For details on
PTCNT0, see section 8.17.1, Port Control Register 0 (PTCNT0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com