công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 900 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 900 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 896Page - Renesas Technology Corp H8S/2114R Datasheet HTML 897Page - Renesas Technology Corp H8S/2114R Datasheet HTML 898Page - Renesas Technology Corp H8S/2114R Datasheet HTML 899Page - Renesas Technology Corp H8S/2114R Datasheet HTML 900Page - Renesas Technology Corp H8S/2114R Datasheet HTML 901Page - Renesas Technology Corp H8S/2114R Datasheet HTML 902Page - Renesas Technology Corp H8S/2114R Datasheet HTML 903Page - Renesas Technology Corp H8S/2114R Datasheet HTML 904Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 900 / 1038 page
background image
Section 23 Clock Pulse Generator
Rev. 3.00 Jul. 14, 2005 Page 852 of 986
REJ09B0098-0300
Table 23.3
External Clock Input Conditions
VCC = 3.0 to 3.6 V
Item
Symbol
Min
Max
Unit
Test Conditions
External clock input pulse
width low level
t
EXL
20
ns
External clock input pulse
width high level
t
EXH
20
ns
External clock rising time
t
EXr
5
ns
External clock falling time
t
EXf
5
ns
Figure 23.5
0.4
0.6
t
cyc
φ ≥ 5 MHz
Clock pulse width low level
t
CL
80
ns
φ < 5 MHz
0.4
0.6
t
cyc
φ ≥ 5 MHz
Clock pulse width high level t
CH
80
ns
φ < 5 MHz
Figure 25.4
tEXH
tEXL
tEXr
tEXf
VCC × 0.5
EXTAL
Figure 23.5 External Clock Input Timing
The oscillator and duty correction circuit can adjust the waveform of the external clock input that
is input from the EXTAL pin.
When a specified clock signal is input to the EXTAL pin, internal clock signal output is
determined after the external clock output stabilization delay time (t
DEXT) has passed. As the clock
signal output is not determined during the t
DEXT cycle, a reset signal should be set to low to
maintain the reset state. Table 23.4 shows the external clock output stabilization delay time. Figure
23.6 shows the timing of the external clock output stabilization delay time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com