công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 904 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 904 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 900Page - Renesas Technology Corp H8S/2114R Datasheet HTML 901Page - Renesas Technology Corp H8S/2114R Datasheet HTML 902Page - Renesas Technology Corp H8S/2114R Datasheet HTML 903Page - Renesas Technology Corp H8S/2114R Datasheet HTML 904Page - Renesas Technology Corp H8S/2114R Datasheet HTML 905Page - Renesas Technology Corp H8S/2114R Datasheet HTML 906Page - Renesas Technology Corp H8S/2114R Datasheet HTML 907Page - Renesas Technology Corp H8S/2114R Datasheet HTML 908Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 904 / 1038 page
background image
Section 23 Clock Pulse Generator
Rev. 3.00 Jul. 14, 2005 Page 856 of 986
REJ09B0098-0300
tEXCLH
tEXCLL
tEXCLr
tEXCLf
VCC × 0.5
EXCL
Figure 23.8 Subclock Input Timing
23.6
Subclock Waveform Forming Circuit
To remove noise from the subclock input at the EXCL (ExEXCL) pin, the subclock waveform
forming circuit samples the subclock using a divided
φ clock. The sampling frequency is set by the
NESEL bit in LPWRCR.
The subclock is not sampled in subactive mode, subsleep mode, or watch mode.
23.7
Clock Select Circuit
The clock select circuit selects the system clock that is used in this LSI.
A clock generated by the oscillator to which the XTAL and EXTAL pins are connected is selected
as a system clock (
φ) when returning from high-speed mode, medium-speed mode, sleep mode,
the reset state, or standby mode.
In subactive mode, subsleep mode, or watch mode, a subclock input from the EXCL (ExEXCL)
pin is selected as a system clock when the EXCLE bit in LPWRCR is 1. At this time, on-chip
peripheral modules such as the CPU, TMR_0, TMR_1, WDT_0, WDT_1, I/O ports, and interrupt
controller and their functions operate on the
φSUB clock. The count clock and sampling clock for
each timer are divided
φSUB clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com