công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 905 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 905 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 901Page - Renesas Technology Corp H8S/2114R Datasheet HTML 902Page - Renesas Technology Corp H8S/2114R Datasheet HTML 903Page - Renesas Technology Corp H8S/2114R Datasheet HTML 904Page - Renesas Technology Corp H8S/2114R Datasheet HTML 905Page - Renesas Technology Corp H8S/2114R Datasheet HTML 906Page - Renesas Technology Corp H8S/2114R Datasheet HTML 907Page - Renesas Technology Corp H8S/2114R Datasheet HTML 908Page - Renesas Technology Corp H8S/2114R Datasheet HTML 909Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 905 / 1038 page
background image
Section 23 Clock Pulse Generator
Rev. 3.00 Jul. 14, 2005 Page 857 of 986
REJ09B0098-0300
23.8
Handling of X1 and X2 Pins
The X1 and X2 pins should be open, as shown in figure 23.9.
X1
X2
Open
Open
Figure 23.9 Handling of X1 and X2 Pins
23.9
Usage Notes
23.9.1
Notes on Resonator
Since all kinds of characteristics of the resonator are closely related to the board design by the
user, use the example of resonator connection in this document for only reference; be sure to use
an resonator that has been sufficiently evaluated by the user. Consult with the resonator
manufacturer about the resonator circuit ratings that vary depending on the stray capacitances of
the resonator and installation circuit. Make sure the voltage applied to the oscillation pins do not
exceed the maximum rating.
23.9.2
Notes on Board Design
When using a crystal resonator, the crystal resonator and its load capacitors should be placed as
close as possible to the XTAL and EXTAL pins. Other signal lines should be routed away from
the oscillator to prevent inductive interference with correct oscillation as shown in figure 23.10.
C
L2
Signal A
Signal B
C
L1
This LSI
XTAL
EXTAL
Prohibited
Figure 23.10 Note on Board Design of Oscillator Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com