công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 894 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 894 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 890Page - Renesas Technology Corp H8S/2114R Datasheet HTML 891Page - Renesas Technology Corp H8S/2114R Datasheet HTML 892Page - Renesas Technology Corp H8S/2114R Datasheet HTML 893Page - Renesas Technology Corp H8S/2114R Datasheet HTML 894Page - Renesas Technology Corp H8S/2114R Datasheet HTML 895Page - Renesas Technology Corp H8S/2114R Datasheet HTML 896Page - Renesas Technology Corp H8S/2114R Datasheet HTML 897Page - Renesas Technology Corp H8S/2114R Datasheet HTML 898Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 894 / 1038 page
background image
Section 22 Boundary Scan (JTAG)
Rev. 3.00 Jul. 14, 2005 Page 846 of 986
REJ09B0098-0300
(6)
IDCODE
Instruction code: B'1110
When the IDCODE instruction is enabled, the value of the ID code register is output from the
ETDO pin with LSB first when the TAP controller is in the Shift-DR state. While the IDCODE
instruction is being executed, the test circuit does not affect the system circuit.
When the TAP controller is in the Test-Logic-Reset state, the instruction register is initialized to
the IDCODE instruction.
22.5.2
Notes
1. Boundary scan mode does not cover power-supply-related pins (VCC, VCL, VSS, AVCC,
AVSS, and AVref).
2. Boundary scan mode covers clock-related pins (EXTAL, XTAL, X1, and X2).
3. Boundary scan mode does not cover reset- and standby-related pins (
RES, STBY, and RESO).
4. Boundary scan mode does not cover JTAG-related pins (ETCK, ETDI, ETDO, ETMS, and
ETRST).
5. Fix the MD2 pin low.
22.6
Usage Notes
1. A reset must always be executed by driving the
ETRST pin to 0, regardless of whether or not
the JTAG is to be activated. The
ETRST pin must be held low for 20 ETCK clock cycles. For
details, see section 26, Electrical Characteristics. To activate the JTAG after a reset, drive the
ETRST pin to 1 and specify the ETCK, ETMS, and ETDI pins to any value. If the JTAG is not
to be activated, drive the
ETRST, ETCK, ETMS, and ETDI pins to 1 or the high-impedance
state. These pins are internally pulled up and are noted in standby mode.
2. The following must be considered when the power-on reset signal is applied to the
ETRST
pin.
 The reset signal must be applied at power-on.
 To prevent the LSI system operation from being affected by the ETRST pin of the board
tester, circuits must be separated.
 Alternatively, to prevent the ETRST pin of the board tester from being affected by the LSI
system reset, circuits must be separated.
Figure 22.3 shows a design example of the reset signal circuit wherein no reset signal
interference occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com