công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 895 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 895 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 891Page - Renesas Technology Corp H8S/2114R Datasheet HTML 892Page - Renesas Technology Corp H8S/2114R Datasheet HTML 893Page - Renesas Technology Corp H8S/2114R Datasheet HTML 894Page - Renesas Technology Corp H8S/2114R Datasheet HTML 895Page - Renesas Technology Corp H8S/2114R Datasheet HTML 896Page - Renesas Technology Corp H8S/2114R Datasheet HTML 897Page - Renesas Technology Corp H8S/2114R Datasheet HTML 898Page - Renesas Technology Corp H8S/2114R Datasheet HTML 899Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 895 / 1038 page
background image
Section 22 Boundary Scan (JTAG)
Rev. 3.00 Jul. 14, 2005 Page 847 of 986
REJ09B0098-0300
Power-on
reset circuit
Board edge pin
System reset
ETRST
RES
ETRST
This LSI
Figure 22.3 Reset Signal Circuit without Reset Signal Interference
3. The registers are not initialized in standby mode. If the
ETRST pin is set to 0 in standby mode,
IDCODE mode will be entered.
4. The frequency of the ETCK pin must be lower than that of the system clock. For details, see
section 26, Electrical Characteristics.
5. Data input/output in serial data transfer starts from the LSB. Figure 22.4 and 22.5 shows
examples of serial data input/output.
6. When data that exceeds the number of bits of the register connected between the ETDI and
ETDO pins is serially transferred, the serial data that exceeds the number of register bits and
output from the ETDO pin is the same as that input from the ETDI pin.
7. If the JTAG serial transfer sequence is disrupted, the
ETRST pin must be reset. Transfer
should then be retried, regardless of the transfer operation.
8. If a pin with a pull-up function is sampled while its pull-up function is enabled, 1 can be
detected at the corresponding input scan register. In this case, the corresponding enable scan
register should be cleared to 0.
9. If a pin with an open-drain function is sampled while its open-drain function is enabled and its
corresponding output scan register is 1, 0 can be detected at the corresponding enable scan
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com