công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 749 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 749 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 745Page - Renesas Technology Corp H8S/2114R Datasheet HTML 746Page - Renesas Technology Corp H8S/2114R Datasheet HTML 747Page - Renesas Technology Corp H8S/2114R Datasheet HTML 748Page - Renesas Technology Corp H8S/2114R Datasheet HTML 749Page - Renesas Technology Corp H8S/2114R Datasheet HTML 750Page - Renesas Technology Corp H8S/2114R Datasheet HTML 751Page - Renesas Technology Corp H8S/2114R Datasheet HTML 752Page - Renesas Technology Corp H8S/2114R Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 701 of 986
REJ09B0098-0300
1. Host address
− HBAR1 = H'000FFFF0 − H'000E0000 = H'0001FFF0
2. H'0001FFF0
+ SAR1 = H'0001FFF0 + H'050000 = H'06FFF0 (slave address)
18.4.10
On-Chip RAM Address Translation (Host
→ Slave)
A host address is translated into an on-chip RAM address by the settings of RAMBAR, RAMSSR,
and RAMAR. The slave address which exceeds H'FFEFFF must not be specified. The host
addresses within the range of H'00000000 to H'FFFFFFFF are available for translation and the
on-chip RAM addresses within the range of H'FFD100 to H'FFEFFF are available. Figure 18.10
shows an example of the on-chip RAM address translation.
H'10000000
H'10001EFF
RAMBAR: H1'000
RAMASSR: H'FF (8 kbytes to 256 bytes)
RAMAR: H'D1
Host address: H'10000100
8 kbytes
to 256 bytes
On-chip RAM
Host address
Slave address
H'FFD100
H'FFEFFF
Figure 18.10 Example of On-Chip RAM Address Translation
The host address space is specified by the settings of RAMBAR and RAMASSR as shown in
figure 18.10. The host must use addresses within this range. An access to the addresses which are
not within this range will cause an address exception and any memory access is not performed.
The slave address space is specified by the settings of RAMAR and RAMASSR as shown in
figure 18.10.
The host address of H'10000100 is translated shown below.
1. Host address
− RAMBAR = H'10000100 − H'10000000 = H'00000100
2. H'0000100
+ RAMAR = H'00000100 + H'FFD100 = H'FFD200 (slave address)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com