công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 753 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 753 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 749Page - Renesas Technology Corp H8S/2114R Datasheet HTML 750Page - Renesas Technology Corp H8S/2114R Datasheet HTML 751Page - Renesas Technology Corp H8S/2114R Datasheet HTML 752Page - Renesas Technology Corp H8S/2114R Datasheet HTML 753Page - Renesas Technology Corp H8S/2114R Datasheet HTML 754Page - Renesas Technology Corp H8S/2114R Datasheet HTML 755Page - Renesas Technology Corp H8S/2114R Datasheet HTML 756Page - Renesas Technology Corp H8S/2114R Datasheet HTML 757Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 753 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 705 of 986
REJ09B0098-0300
18.4.14
Flash Memory Protection
To protect the flash memory contents, the flash memory is divided into blocks given in figure
18.13. Protection for each block can be enabled or disabled by the setting of the WPB or RPB bits.
The write blocks are used in LPC/FW memory write cycles and the read blocks are used in
LPC/FW memory read cycles. Access to the flash memory with other than LPC/FW memory
cycles are not supported. The write block protection by the WPB bit is used to set/clear erase
block protection in the block erasure command.
All the blocks are protected by the initial values. When accessing to the flash memory, the
protection must be disabled. When the protection is disabled, 0 can be written to only once after
system reset. If the protection is enabled again after it has been disabled, the protection can be
disabled only by the system reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com