công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2114R bảng dữ liệu(PDF) 751 Page - Renesas Technology Corp

tên linh kiện H8S/2114R
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2100 Series
PDF  1038 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2114R bảng dữ liệu(HTML) 751 Page - Renesas Technology Corp

Back Button H8S/2114R Datasheet HTML 747Page - Renesas Technology Corp H8S/2114R Datasheet HTML 748Page - Renesas Technology Corp H8S/2114R Datasheet HTML 749Page - Renesas Technology Corp H8S/2114R Datasheet HTML 750Page - Renesas Technology Corp H8S/2114R Datasheet HTML 751Page - Renesas Technology Corp H8S/2114R Datasheet HTML 752Page - Renesas Technology Corp H8S/2114R Datasheet HTML 753Page - Renesas Technology Corp H8S/2114R Datasheet HTML 754Page - Renesas Technology Corp H8S/2114R Datasheet HTML 755Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 751 / 1038 page
background image
Section 18 LPC Interface (LPC)
Rev. 3.00 Jul. 14, 2005 Page 703 of 986
REJ09B0098-0300
18.4.12
Example 1 of Address Space Priority
Figure 18.11 shows an example of an address translation when the host address spaces are
overlapped. When an address is translated with the settings shown in figure 18.11, host address
spaces 1 and 2 are overlapped and host address space 2 and the on-chip RAM space are
overlapped. In this case, since command space has priority over others, it is translated into slave
command space. Then address space 1 is translated into slave address space 1. Next, the on-chip
RAM which has priority over address space 2 and is not overlapped with address space 1 is
translated into the slave on-chip RAM space.
HBAR1: H'0000, HBAR2: H'0008, RAMBAR: H'000D
SAR1: H'00, SAR2: H'10, RAMAR: H'E0
ASSR: H'64 (768 k, 512 k), RAMASSR: H'10 (4 k)
Address space 1
Address space 2
Host address
Slave address
On-chip RAM
space
On-chip RAM space
Address space 1
Address space 2
Command space
Command
space
Notes: Addresses of H'000D_FFF0 to H'000D_FFFF in the host address are used as command space.
Addresses of H'15_FFF0 to H'15_FFFF in the slave address are used as command space.
H'0000_0000
H'0008_0000
H'0007_FFFF
H'000B_FFFF
H'000C_0000
H'000D_0000
H'000C_FFFF
H'000D_1000
H'000D_0FFF
H'000D_FFEF
H'000D_FFF0
H'000D_FFFF
H'000E_0000
H'000F_FFFF
H'00_0000
H'0C_0000
H'15_FFEF
H'FF_E000
H'FF_EFFF
H'0B_FFFF
H'13_FFFF
H'14_0000
H'15_FFFF
H'15_0000
H'15_1FFF
H'15_2000
H'15_FFFF
H'15_FFF0
H'17_FFFF
H'16_0000
Figure 18.11 Example 1 of Address Space Priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com